PART |
Description |
Maker |
74AHCT08PW 74AHC08D 74AHCT08D 74AHCT08 74AHCT08BQ |
Quad 2-input AND gate Rev. 03 ?14 November 2007 Quad 2-input AND gate; Package: SOT762-1 (DHVQFN14); Container: Reel Pack, SMD, 7" AHCT/VHCT/VT SERIES, QUAD 2-INPUT AND GATE, PQCC14 Quad 2-input AND gate 输入与门
|
NXP Semiconductors N.V.
|
TC4021 |
8-STAGE STATIC SHIFT REGISTER (ASYNCHRONOUS PARALLEL INPUT OF SYNCHRONOUS SERIAL INPUT SERAL INPUT/SERIAL OUTPUT)
|
Toshiba Corporation
|
MC74HC58 ON1484 MC74HC58D |
2-Wide, 2-Input/2-Wide, 3-Input AND-OR Gates HC/UH SERIES, DUAL 6-INPUT AND-OR GATE, PDSO14 From old datasheet system
|
Motorola Mobility Holdings, Inc. ON Semi
|
74VHC27MTC 74VHC27N 74VHC27SJ 74VHC27 |
Triple 3-Input NOR Gate AHC/VHC SERIES, TRIPLE 3-INPUT NOR GATE, PDSO14 Quadruple 2-Input Positive-AND Gates 14-SOIC -40 to 85 From old datasheet system
|
Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation
|
5B45 5B46-CUSTOM 5B45-01 5B45-02 5B45-03 5B45-04 5 |
Isolated Frequency Input 0 to 250 kHz Input Signal Conditioning Module Isolated, Frequency Input SPECIALTY ANALOG CIRCUIT, XMA
|
AD[Analog Devices] Analog Devices, Inc.
|
HD74LS00 HD74LS00FPSMD HD74LS00PDIP HD74LS00RPSMD |
Quad. 2-input NAND Gates QUADRUPLE 2-INPUT POSITIVE-NAND GATES LOGIC GATE,QUAD 2-INPUT NAND,LS-TTL,DIP,14PIN,PLASTIC From old datasheet system Quad 2-input NAND Gate 输入与非
|
Hitachi America HITACHI[Hitachi Semiconductor] Hitachi,Ltd. Renesas Electronics, Corp.
|
WU400 WU100 WU101 WU102 WU103 WU104 WU105 WU106 WU |
DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage -12.0 VDC. Output current -400 mA. Input current 10 mA(no load), 2520 mA(full load). DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage -15.0 VDC. Output current -333 mA. Input current 10 mA(no load), 2510 mA(full load). DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage 15.0 VDC. Output current 667 mA. Input current 10 mA(no load), 2510 mA(full load). DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage 3.3 VDC. Output current 3000 mA. Input current 10 mA(no load), 2470 mA(full load). 10/15 Watts WU Series 10/15瓦吴系列 Nickel Cadmium Battery; Voltage Rating:1.2V; Battery Size Code:Sub C; Battery Capacity:2100mAh Nickel Cadmium Battery; Voltage Rating:1.2V; Battery Size Code:Sub C; Battery Capacity:1900mAh; Battery Terminals:Pressure Contact DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage 5.0 VDC. Output current 2000 mA. Input current 10 mA(no load), 2620 mA(full load). DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage 12.0 VDC. Output current 800 mA. Input current 10 mA(no load), 2520 mA(full load). DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage -5.0 VDC. Output current -1000 mA. Input current 10 mA(no load), 2620 mA(full load).
|
XPiQ Electronic Theatre Controls, Inc. ETC[ETC] List of Unclassifed Manufacturers International Power Sources
|
CD4019BC CD4019BCM CD4019BCN CD4019BCSJ CD4019BCMX |
Quad AND-OR Select Gate Quad 2-input OR Gate 4000/14000/40000 SERIES, QUAD 2-INPUT AND-OR GATE, PDSO16 Single 2-Input NAND Gate with Schmitt-Trigger Input 5-SC70 -40 to 85 4000/14000/40000 SERIES, QUAD 2-INPUT AND-OR GATE, PDIP16
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
DM74AS1032A DM74AS1032AM DM74AS1032AN DM74AS1032AM |
Quadruple 2-Input OR Driver Quad 2-input OR Gate AS SERIES, QUAD 2-INPUT OR GATE, PDSO14
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
MAX15030 MAX15030ATB MAX15029ATB |
1.425V to 3.6V Input, 500mA Low-Dropout Regulators with BIAS Input
|
Maxim Integrated Products
|